PART |
Description |
Maker |
PJB400 |
Precision, 100µA Gain Selectable Amplifier; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 85°C 黄GLOSS的涂
|
ON Semiconductor
|
1812LS-333XKBC 1812LS-104XKBC 1812LS-104XKBB |
OBSOLETE when inventory is depleted. 10% tolerance no longer offered. Change 'K' to 'J' for 5% tolerance. 1 ELEMENT, 100 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
COILCRAFT INC
|
PMD18D80 PMD19D PM019D80 |
300 WATT (50 AMP CONTINUOUS, 100 AMP PEAK
|
New Jersey Semi-Conductor Products, Inc. New Jersey Semi-Conduct...
|
ALD20K48N-6 ALD20M48N-S ALD20M48-S ALD20Y48N-6S AL |
Single Output 16th Brick: 60Watts CONN,HOUSING,9 POS,9254-09E-2, .100",RED,NYLON,22AWG,CLOSED OUSING,4 POS,9254-04E-6, .100",BLU,NYLON,26AWG,CLD,(10) CONN,HOUSING,4 POS,9254-04T-2, .100",RED,NYLON,22AWG,F/T CONN,HOUSING,3 POS,9254-03T-9, .100",WHITE,NYLON,24AWG,F/T SOCKET,IC,32PIN,MACHINED, LOW PROFILE,SOLDERTAIL,0.6"W MODULAR JACK,6P6C,SIDE ENTRY RJ11,6"LEADS,PANEL MOUNT STOPS 单输6日砖60Watts CONN,HOUSING,3POS,9255-03T-3A, .156",ORANGE,18AWG,F/T 单输6日砖0Watts CONN,HOUSING,3 POS,9254-03T-2, .100",RED,NYLON,22AWG,F/T 单输6日砖0Watts SOCKET,IC,32PIN,MACHINED, LOW PROFILE,SOLDERTAIL,0.6"W
|
Jameco Electronics Microchip Technology, Inc. STMicroelectronics N.V.
|
X9317ZS8-2.7T1 X9317ZS8IZ-2.7T1 X9317ZS8I-2.7T1 X9 |
Digitally Controlled Potentiometer (XDCP™); Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R 1K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 100 POSITIONS, PDSO8 Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 1K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 100 POSITIONS, PDSO8 Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 8-TSSOP T&R 50K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 100 POSITIONS, PDSO8 Digitally Controlled Potentiometer (XDCP™); Temperature Range: 0°C to 70°C; Package: 8-MSOP T&R 1K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 100 POSITIONS, PDSO8 Digitally Controlled Potentiometer (XDCP?
|
Intersil, Corp. Intersil Corporation
|
LT1812IS6TRMPBF LT1812CS6TR LT1812IS5PBF LT1812CS8 |
3mA, 100MHz, 750V/µs Operational Amplifier with Shutdown; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 85°C OP-AMP, 3000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO6 3mA, 100MHz, 750V/µs Operational Amplifier with Shutdown; Package: SOT; No of Pins: 6; Temperature Range: 0°C to 70°C OP-AMP, 2000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO6 3mA, 100MHz, 750V/µs Operational Amplifier with Shutdown; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 85°C OP-AMP, 3000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO5 3mA, 100MHz, 750V/µs Operational Amplifier with Shutdown; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 2000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
SDR815 SDR812 |
100 AMP 50 - 1200 VOLTS 60 nsec ULTRA FAST RECTIFIER 100 A, 900 V, SILICON, RECTIFIER DIODE, DO-5 100 AMP 50 - 1200 VOLTS 60 nsec ULTRA FAST RECTIFIER 100 A, 600 V, SILICON, RECTIFIER DIODE, DO-5
|
Solid State Devices, Inc.
|
SSR2010CT |
20 AMP 100 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER 20 A, 100 V, SILICON, RECTIFIER DIODE
|
Solid State Devices, Inc. SSDI[Solid States Devices, Inc]
|
SSR2010CTC |
20 AMP 100 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER 20 A, 100 V, SILICON, RECTIFIER DIODE
|
Solid State Devices, Inc. SSDI[Solid States Devices, Inc]
|
MMFT1N10E_D ON2216 MMFT1N10E MMFT1N10 |
MEDIUM POWER TMOS FET 1 AMP 100 VOLTS 1000 mA, 100 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-261AA N-hannel Enhancement-ode Logic Level SOT23 From old datasheet system
|
Motorola Mobility Holdings, Inc. ON Semi MOTOROLA[Motorola, Inc]
|
MCP6002 MCP6002EP MCP6002ESN MCP6004 MCP6004E MCP6 |
The MCP6002 is a dual general purpose op amp offering rail to rail input & output over the 1.8 to 5.5V operating range. This amplifier has a typical GBWP of 1 MHz with typical quiescent current of 100 microamperes. The MCP6002 is avail Operational Amplifier - Datasheet Reference 1 MHz Bandwidth Low Power Op Amp The MCP6001 is a single general purpose op amp offering rail to rail input & output over the 1.8 to 5.5V operating range. This amplifier has a typical GBWP of 1 MHz with typical quiescent current of 100 microamperes. The MCP6001 is ava
|
Microchip Technology Inc MICROCHIP[Microchip Technology]
|
SED20HB100 |
20 AMP 100 VOLTS SCHOTTKY RECTIFIER 20 A, 100 V, SILICON, RECTIFIER DIODE
|
NXP Semiconductors N.V.
|
|